Part Number Hot Search : 
PM6MG LBS91001 RFL1P08 G30N60B CR2427S 0204CTE LD7515L 20N15
Product Description
Full Text Search
 

To Download CXXXRT230-S0100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RazerThin(R) LEDs
CxxxRT230-S000
Cree's RazerThin LEDs combine highly efficient InGaN materials with Cree's proprietary G*SiC(R) substrate to deliver superior price/performance for blue and green LEDs. These vertically structured LED chips are small in size and require a low forward voltage. Cree's RT series chips are tested for conformity to optical and electrical specifications and the ability to withstand 1000V ESD. Applications include keypad backlighting where sub-miniaturization and thinner form factors are required.
FEATURES
* * Small Chip - 200 x 200 x 85 m Low Forward Voltage - * 2.9 V Typical at 5 mA
APPLICATIONS
* Mobile Phone Key Pads - - - * * White Blue Green
RT230TM LED Performance - - 2.0 mW min. Blue (455-475 nm) 1.5 mW min. Green (520-535 nm & 500510 nm)
Audio Product Display Lighting Mobile Appliance Keypads
* *
Single Wire Bond Structure Class 2 ESD Rating
CxxxRT230-S000 Chip Diagram
Top View G*SiC LED Chip 200 x 200 m Mesa (junction) 176 x 176 m Gold Bond Pad 105 m Diameter
Bottom View
Side View
R3CN, Rev. B Datasheet: CP
InGaN Anode (+) SiC Substrate h = 85 m Backside Metallization 80 x 80 m Cathode (-)
Subject to change without notice. www.cree.com
Maximum Ratings at TA = 25C Notes &3 DC Forward Current Peak Forward Current (1/10 duty cycle @ 1kHz) LED Junction Temperature Reverse Voltage Operating Temperature Range Storage Temperature Range Electrostatic Discharge Threshold (HBM)
Note 2 Note 2
CxxxRT230-S000 30 mA 100 mA 125C 5V -40C to +100C -40C to +100C 1000 V Class 2
Note 3
Electrostatic Discharge Classification (MIL-STD-883E)
Typical Electrical/Optical Characteristics at TA = 25C, If = 5mA Part Number Forward Voltage (Vf, V) Min. C460RT230-S0100 C470RT230-S0100 C505RT230-S0100 C527RT230-S0100 Mechanical Specifications Description P-N Junction Area (m) Top Area (m) Bottom Area (m) Chip Thickness (m) Au Bond Pad Diameter (m) Au Bond Pad Thickness (m) Back Contact Metal Area (m) 2.6 2.6 2.6 2.6 Typ. 2.9 2.9 2.9 2.9 Max. 3.2 3.2 3.2 3.2
Reverse Current [I(Vr=5V), A] Max. 2 2 2 2
Full Width Half Max (D, nm) Typ. 21 22 30 35 CxxxRT230-S000 Dimension 176 x 176 200 x 200 200 x 200 85 105 1.2 80 x 80 Tolerance 25 25 25 10 -5, +15 0.5 25
Notes:
1.
2. 3.
4. 5.
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000 epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die but by the effect of the LED junction temperature on the package. The junction temperature limit of 125C is a limit of the T-1 3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing temperature must not exceed 325C (< 5 seconds). Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The RAET procedure is performed on each die. The ESD classification of Class 2 is based on sample testing according to MIL-STD-883E. All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled and operated at 5 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given are within the range of average values expected by manufacturer in large quantities and are provided for information only. All measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an integrating sphere using Illuminance E. Caution: To obtain optimum output efficiency, the amount of epoxy used should be characterized based upon the specific application. Specifications are subject to change without notice.
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and RazerThin are registered trademarks, and RT230 is a trademark of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
2
CPR3CN Rev. B
Standard Bins for CxxxRT230-S000
LED chips are sorted to the radiant flux and dominant wavelength bins shown. Sorted die sheets contain die from only one bin. Sorted die kit (CXXXRT230-S0100) orders may be filled with any or all bins (CxxxRT230-0xxx) contained in the kit. All radiant flux values are measured at If = 20 mA and all dominant wavelength values are measured at If = 5 mA. C460RT230-S000
C460RT230-0103 C460RT230-0101 C460RT230-0104 C460RT230-0102
6.0 mW Radiant Flux 4.0 mW
2.0 mW 455 nm
460 nm Dominant Wavelength C470RT230-S000
465 nm
6.0 mW Radiant Flux 4.0 mW
C470RT230-0103 C470RT230-0101
C470RT230-0104 C470RT230-0102
2.0 mW 465 nm
470 nm Dominant Wavelength C505RT230-S000
475 nm
6.0 mW Radiant Flux 4.0 mW 2.5 mW
C505RT230-0105 C505RT230-0103 C505RT230-0101
C505RT230-0106 C505RT230-0104 C505RT230-0102
1.5 mW 500 nm
505 nm Dominant Wavelength C527RT230-S000
510 nm
Radiant Flux
4.0 mW 2.5 mW
C527RT230-0104 C527RT230-0101
C527RT230-0105 C527RT230-0102
C527RT230-0106 C527RT230-0103
1.5 mW 520 nm
525 nm
530 nm
535 nm
Dominant Wavelength
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and RazerThin are registered trademarks, and RT230 is a trademark of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
3
CPR3CN Rev. B
Characteristic Curves
These are representative measurements for the RT230 product. Actual curves will vary slightly for the various radiant flux and dominant wavelength bins.
Wavelength Shift vs Forward Current
12.0
Forward Current vs Forward Voltage
30
527nm
25
8.0
505nm 470nm
20
Shift (nm)
4.0
If (mA)
15
0.0
10
-4.0
5
-8.0
0 0.0 0.5 1.0 1.5 2.0 2.5 Vf (V) 3.0 3.5 4.0 4.5 5.0
-12.0 0 5 10 15 If (mA) 20 25 30
Relative Intensity vs Forward Voltage
140
100
Relative Intensity vs. Peak Wavelength
460 nm
120
80
505 nm 527 nm
Relative Intensity (%)
% Relative Intensity
100
60
80
60
40
40
20
20
0 0 5 10 15 If (mA) 20 25 30
0 350 400 450 500 Wavelength (nm) 550 600 650
Copyright (c) 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC and RazerThin are registered trademarks, and RT230 is a trademark of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
4
CPR3CN Rev. B


▲Up To Search▲   

 
Price & Availability of CXXXRT230-S0100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X